Part Number Hot Search : 
HL6364DG MAX6698 D9876 M63823GP HPLW110 SSG4890N MSS00 2SD16
Product Description
Full Text Search
 

To Download UZD1E100MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
ZD
3.0mmL Chip Type
series
Chip type with 3.0mmL height. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
ZR
Smaller
ZD
Specifications
Item Category Temperature Range Rated Voltage Range Performance Characteristics
- 40 ~ +85C 4 ~ 25V 20% at 120Hz, 20C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A) , whichever is greater.
Rated voltage (V) tan (MAX.) Rated voltage (V)
Rated Capacitance Range 2.2 ~ 100F Capacitance Tolerance Leakage Current tan
4 0.50 4 7 15
6.3 0.40 6.3 4 8
10 0.30 10 3 8
16 0.24 16 2 4
25 0.19 25 2 4
120Hz 20C 120Hz
Stability at Low Temperature
Impedance ratio Z-25C / Z+20C ZT / Z20 (MAX.) Z-40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Shelf Life
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C for 30 seconds. After removing from the hot plate and restored at room temperature, they meet the characteristic requirements listed at right. Black print on the case top.
Capacitance change tan Leakage current
Resistance to soldering heat Marking
Within 10% of initial value Initial specified value or less Initial specified value or less
Chip Type
Positive 0.5 MAX. Voltage (C : 16V) Lot No. Series Plastic platform 0.3 MAX.
Type numbering system (Example : 16V 10F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
C0.2
U Z D 1 C 1 0 0 MC L 1 GB
A0.2
Taping code
X2 10C ZD
D0.5
Capacitance
3.0 +0.2 -0.1
0.5 ~ 0.8 Negative
Voltage
V Code 4 g 6.3 j 10 A 16 C 25 E
D A B C E
4 1.8 4.3 4.3 1.0
5 2.1 5.3 5.3 1.3
(mm) 6.3 2.4 6.6 6.6 2.2
B0.2
Configuration Capacitance tolerance (20%) Rated Capacitance (10F) Rated voltage (16V) Series name Type
E
Dimensions
V Cap. (F) Code
4 0G
6.3 0J
A0.2
10 1A
16 1C 4 4 4 5 5 6.3
25 1E 7 11 16 18 20 27
2.2 3.3 4.7 5.6 6.8 10 22 33 47 100
2R2 3R3 4R7 5R6 6R8 100 220 330 470 101
4 5 5 6.3
20 28 33 56
5 5 6.3 6.3
28 37 45 70
5 6.3
33 41
5 6.3
23 37
Case size
D (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size are given in page 25. Please contact us for the soldering by reflow. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UZD1E100MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X